Part Number Hot Search : 
2N723610 VRE4125C NJM2116V 4H560838 HA13455 CA3183 74FR74 5AA04
Product Description
Full Text Search
 

To Download IDT74ALVC162245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
FEATURES: DESCRIPTION:
IDT74ALVC162245
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in SSOP, TSSOP, and TVSOP packages
DRIVE FEATURES:
This 16-bit bus transceiver is built using advanced dual metal CMOS technology. The ALVC162245 is designed for asynchronous communication between data buses. The control-function implementation minimizes external timing requirements. This device can be used as two 8-bit transceivers or one 16-bit transceiver. It allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated. The ALVC162245 has series resistors in the device output structure of the "A" port which will significantly reduce line noise when used with light loads. This driver has been designed to drive 12mA at the designated threshold levels. The "B" port has a 24mA driver.
* Balanced Output Drivers: 12mA (A port) * High Output Drivers: 24mA (B port)
APPLICATIONS:
* 3.3V high speed systems * 3.3V and lower voltage computing systems
FUNCTIONAL BLOCK DIAGRAM
1D IR
1
2D IR
48
24 25
1O E 1A 1
47 2 46
2O E
2A 1 1B 1 2A 2
3
36 13 35 14 33 16 32 17 30 19 29 20 27 22
2B 1
1A 2
1B 2 2A 3
2B 2
1A 3
44 5 43 6 41 8 40 9 38 11
1B 3 2A 4 1B 4 2A 5 1B 5 2A 6 1B 6 2A 7 1B 7
26
2B 3
1A 4
2B 4
1A 5
2B 5
1A 6
2B 6
1A 7
2B 7
1A 8
37
2A 8
12
1B 8
23
2B 8
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
APRIL 1999
DSC-4605/1
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100 VTERM(3) TSTG
1A 1 1A 2
Unit V V C mA mA mA mA
1D IR 1B 1 1B 2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1OE
IOUT IIK IOK ICC ISS
GND
1B 3 1B4
GND
1A 3 1A 4
VCC
1B 5 1B 6
VCC
1A 5 1A 6
GND
1B7 1B8 2B 1 2B 2
GND
1A 7 1A 8 2A 1 2A 2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT COUT Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF
GND
2B3 2B4
GND
2A 3 2A 4
NOTE: 1. As applicable to the device type.
VCC
2B 5 2B6
VCC
2A 5 2A 6
PIN DESCRIPTION
Pin Names xOE DIR xAx xBx Description Output Enable Inputs (Active LOW) Direction Control Inputs Side A Inputs or 3-State Outputs Side B Inputs or 3-State Outputs
GND
2B7 2B8 2DIR
GND
2A 7 2A 8 2OE
SSOP/ TSSOP/ TVSOP TOP VIEW
FUNCTION TABLE (EACH 8-BIT SECTION)(1)
Inputs xOE L L H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
xDIR L H X
Outputs B data to A bus A data to B bus Isolation
2
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V
Quiescent Power Supply Current Variation
--
--
750
A
NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient.
OUTPUT DRIVE CHARACTERISTICS (A PORT)
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.7V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 4mA IOH = - 6mA IOH = - 4mA IOH = - 8mA IOH = - 6mA IOH = - 12mA IOL = 0.1mA IOL = 4mA IOL = 6mA IOL = 4mA IOL = 8mA IOL = 6mA IOL = 12mA Min. VCC - 0.2 1.9 1.7 2.2 2 2.4 2 -- -- -- -- -- -- -- Max. -- -- -- -- -- -- -- 0.2 0.4 0.55 0.4 0.6 0.55 0.8 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
3
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS (B PORT)
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, TA = 25C
VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical 23 4 VCC = 3.3V 0.3V Typical 30 5 Unit pF
4
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS (A PORT)(1)
VCC = 2.5V 0.2V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xBx to xAx Output Enable Time xOE to xAx Output Disable Time xOE to xAx Output Skew(2) 1 6.3 1 6.8 Min. 1 Max. 4.9 Min. VCC = 2.7V Max. 4.7 6.7 5.7 VCC = 3.3V 0.3V Min. 1 1 1 Max. 4.2 5.6 5.5 500 Unit ns ns ns ps
-- -- -- --
--
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
SWITCHING CHARACTERISTICS (B PORT)(1)
VCC = 2.5V 0.2V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xAx to xBx Output Enable Time xOE to xBx Output Disable Time xOE to xBx Output Skew(2) 1 5.2 1 5.7 Min. 1 Max. 3.7 Min. VCC = 2.7V Max. 3.6 5.4 4.6 VCC = 3.3V 0.3V Min. 1 1 1 Max. 3 4.4 4.1 500 Unit ns ns ns ps
-- -- -- --
--
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
5
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
VIH VT 0V VOH VT VOL VIH VT 0V
ALV C Link
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse Generator
(1, 2)
SAME PHASE INPU T TRAN SITION
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
tPLH OU TPUT tPLH OPPOSITE PHASE INPU T TRAN SITION
tPHL
6 2.7 1.5 300 300 50
tPHL
Propagation Delay
ENABLE CON TROL IN PUT tPZL
DISABLE
VIN D .U .T.
VOUT
VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH - VHZ 0V
ALV C Link
tPLZ VLOAD/2 VT tPHZ VT 0V
RT
500 CL
ALVC Link
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
OUTPU T SW ITCH NOR MALLY CLO SED LOW tPZH OU TPUT SW ITCH NORMALLY O PE N H IGH
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
ALVC Link
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH INPU T VT 0V VOH OUTPUT 1 VT VOL VOH OUTPUT 2 tPLH2 tPHL2
ALVC Link
DATA INPUT TIMING INPU T ASYNC HRON OU S CON TROL SYNC HRON OU S CON TROL
tSU
tH
tREM
tSU
tH
Set-up, Hold, and Release Times
tPLH1
tPHL1
LOW -H IGH -LOW PULSE tW HIGH-LOW -HIGH PULSE
VT
tSK (x)
tSK (x)
VT
ALVC Link
VT VOL
Pulse Width
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
6
IDT74ALVC162245 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX Tem p. R ange ALVC X Bus-Hold XX Fam ily XXX Device Type XX Package
PV PA PF 245
Shrink Sm all Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package 16-Bit Bus Transceiver with 3-State Outputs
162
Double-Density with Resistors, 12m A (A port) 24m A (B port) No Bus-Hold - 40C to +85C
Blank 74
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74ALVC162245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X